Part Number Hot Search : 
VIPER 10004 MC9S0 AK4372 MAX1253 10024520 YG971S6 SDR506
Product Description
Full Text Search
 

To Download 947D341K102AEGSN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6.0 5.0 28.0 h d s m6 x 10mm max torque 4.5nm 20.0 5.0 6.0 28.0 h d s m8 x 20mm max torque 8.5nm 15.0 optional m12 x 16mm stud max torque 10nm all dimensions have a 1 mm tolerance consult factory for mounting options m8 stud terminal m6 insert terminal type 947d polypropylene, high energy density, dc link capacitors high current, high capacitance for inverter applications specifcations capacitance range 130 to 1500 f capacitance tolerance 10% standard rated voltage 900 to 1300 vdc operating temperature range -45 c to 85 c (ambient) maximum rms current see data tables maximum rms voltage 230 vac test voltage between terminals @ 25 c 150% rated dc voltage for 10 s test voltage between terminals and case @ 25c 4 kvac @ 50/60 hz for 10 s life test 7000 h @ 85 c, rated voltage life expectancy 350,000 h @ 60 c core, rated voltage rohs compliant dimensions construction details case material aluminum can resin material dry resin ul94v-0 terminal material tin plated brass insulator cap material polypropylene ul94v-0 type 947d series uses the most advanced metallized flm technology for long life and high reliability in dc link applications. this series combines high capacitance and very high ripple current capability needed for todays in - verter designs for wind, solar, fuel cells, ups systems and more. cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
type 947d polypropylene, high energy density, dc link capacitors high current, high capacitance for inverter applications part numbering system 947d 391 k 112 e c r s n type capacitance tolerance voltage height 1mm diameter 1mm terminal mounting sleeve c d e f g h j l = 75 mm = 87 mm = 100 mm = 112 mm = 126 mm = 136 mm = 150 mm = 162 mm a b c d = 85 mm = 90 mm = 100 mm = 116 mm g n j m p r = m6 insert (32 mm) = m8 stud (32 mm) = m8 stud (45 mm) = m6 insert (45 mm) = m8 stud (50 mm) = m6 insert (50 mm) f s = flat base = stud base n s = no sleeve = black pvc k = 10% 947d 391 152 = 390 f = 1500 f 901 102 112 122 132 = 900 vdc =1000 vdc = 1100 vdc = 1200 vdc = 1300 vdc ratings rated can can lead current thermal cap voltage diameter height spacing case t a =55 c typ typ resistance max c v r d h s area irms esr esl cc ca mass partnumber (f) (v dc ) (mm) (mm) (mm) (mm 2 ) (a) (m) (nh) (c/w) (c/w) (kg) 947d311k901acgsn 310 900 85 75 32 31400 67 1.4 30 1.4 3.8 0.5 947d351k901bcmsn 350 900 90 75 45 33900 73 1.2 30 1.3 3.5 0.6 947d371k901adgsn 370 900 85 87 32 34600 66 1.5 34 1.3 3.5 0.6 947d421k901bdmsn 420 900 90 87 45 37300 75 1.2 33 1.3 3.2 0.6 947d441k901aegsn 440 900 85 100 32 38100 65 1.7 38 1.2 3.2 0.6 947d441k901ccrsn 440 900 100 75 50 39300 85 1.0 30 1.1 3.1 0.7 947d501k901bemsn 500 900 90 100 45 41000 74 1.3 37 1.3 2.9 0.7 947d511k901afgsn 510 900 85 112 32 41300 64 1.9 42 1.2 2.9 0.7 947d541k901cdrsn 540 900 100 87 50 43000 83 1.2 34 1.1 2.8 0.8 947d571k901aggsn 570 900 85 126 32 45000 63 2.1 46 1.1 2.7 0.8 947d581k901bfmsn 580 900 90 112 45 44400 72 1.5 41 1.3 2.7 0.8 947d601k901dcrsn 600 900 116 75 50 48500 102 0.9 35 0.8 2.5 0.9 947d631k901cersn 630 900 100 100 50 47100 82 1.3 38 1.0 2.5 0.9 947d641k901ahgsn 640 900 85 136 32 47700 62 2.3 50 1.1 2.5 0.8 947d651k901bgmsn 650 900 90 126 45 48300 71 1.6 45 1.2 2.5 0.9 947d711k901ajgsn 710 900 85 150 32 51400 62 2.5 54 1.1 2.3 0.9 947d731k901bhmsn 730 900 90 136 45 51200 69 1.8 49 1.2 2.3 0.9 947d731k901cfrsn 730 900 100 112 50 50900 81 1.4 42 1.0 2.4 1.0 947d731k901ddrsn 730 900 116 87 50 52800 101 1.0 40 0.8 2.3 1.1 947d781k901algsn 780 900 85 162 32 54600 61 2.7 59 1.0 2.2 1.0 947d811k901bjmsn 810 900 90 150 45 55100 68 1.9 53 1.2 2.2 1.0 947d821k901cgrsn 820 900 100 126 50 55300 80 1.6 46 1.0 2.2 1.1 947d861k901dersn 860 900 116 100 50 57600 100 1.1 45 0.8 2.1 1.2 947d881k901blmsn 880 900 90 162 45 58500 67 2.1 58 1.2 2.1 1.1 947d921k901chrsn 920 900 100 136 50 58400 79 1.7 50 1.0 2.1 1.2 947d991k901dfrsn 990 900 116 112 50 62000 99 1.2 50 0.8 1.9 1.3 947d102k901cjrsn 1000 900 100 150 50 62800 78 1.9 54 0.9 1.9 1.3 947d112k901clrsn 1100 900 100 162 50 66600 77 2.0 59 0.9 1.8 1.4 947d112k901dgrsn 1100 900 116 126 50 67100 98 1.3 55 0.8 1.8 1.5 947d122k901dhrsn 1200 900 116 136 50 70700 96 1.4 60 0.8 1.7 1.6 947d132k901djrsn 1300 900 116 150 50 75800 95 1.5 65 0.8 1.6 1.7 947d152k901dlrsn 1500 900 116 162 50 80200 94 1.6 70 0.7 1.5 1.8 947d241k102acgsn 240 1000 85 75 32 31400 63 1.5 30 1.4 3.8 0.5 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
rated can can lead current thermal cap voltage dia height spacing case t a =55 c typ typ resistance max c v r d h s area irms esr esl cc ca mass partnumber (f) (v dc ) (mm) (mm) (mm) (mm 2 ) (a) (m) (nh) (c/w) (c/w) (kg) 947d271k102bcmsn 270 1000 90 75 45 33900 69 1.3 30 1.3 3.5 0.6 947d291k102adgsn 290 1000 85 87 32 34600 62 1.7 34 1.4 3.5 0.6 947d331k102bdmsn 330 1000 90 87 45 37300 71 1.3 33 1.3 3.2 0.6 947D341K102AEGSN 340 1000 85 100 32 38100 61 1.9 38 1.3 3.2 0.6 947d341k102ccrsn 340 1000 100 75 50 39300 81 1.1 30 1.2 3.1 0.7 947d391k102bemsn 390 1000 90 100 45 41000 70 1.5 37 1.2 2.9 0.7 947d401k102afgsn 400 1000 85 112 32 41300 60 2.1 42 1.2 2.9 0.7 947d421k102cdrsn 420 1000 100 87 50 43000 79 1.3 34 1.1 2.8 0.8 947d451k102aggsn 450 1000 85 126 32 45000 60 2.3 46 1.2 2.7 0.8 947d451k102bfmsn 450 1000 90 112 45 44400 68 1.7 41 1.2 2.7 0.8 947d471k102dcrsn 470 1000 116 75 50 48500 98 0.9 35 0.9 2.5 0.9 947d491k102cersn 490 1000 100 100 50 47100 78 1.4 38 1.1 2.5 0.9 947d501k102ahgsn 500 1000 85 136 32 47700 58 2.5 50 1.1 2.5 0.8 947d511k102bgmsn 510 1000 90 126 45 48300 67 1.8 45 1.2 2.5 0.9 947d551k102ajgsn 550 1000 85 150 32 51400 58 2.7 54 1.1 2.3 0.9 947d571k102bhmsn 570 1000 90 136 45 51200 66 2.0 49 1.2 2.3 0.9 947d571k102cfrsn 570 1000 100 112 50 50900 77 1.6 42 1.0 2.4 1.0 947d571k102ddrsn 570 1000 116 87 50 52800 96 1.0 40 0.8 2.3 1.1 947d601k102algsn 600 1000 85 162 32 54600 57 3.0 59 1.1 2.2 1.0 947d631k102bjmsn 630 1000 90 150 45 55100 65 2.2 53 1.1 2.2 1.0 947d641k102cgrsn 640 1000 100 126 50 55300 76 1.7 46 1.0 2.2 1.1 947d671k102dersn 670 1000 116 100 50 57600 95 1.2 45 0.8 2.1 1.2 947d691k102blmsn 690 1000 90 162 45 58500 64 2.3 58 1.1 2.1 1.1 947d721k102chrsn 720 1000 100 136 50 58400 74 1.9 50 1.0 2.1 1.2 947d771k102dfrsn 770 1000 116 112 50 62000 94 1.3 50 0.8 1.9 1.3 947d791k102cjrsn 790 1000 100 150 50 62800 74 2.1 54 1.0 1.9 1.3 947d871k102clrsn 870 1000 100 162 50 66600 73 2.2 59 0.9 1.8 1.4 947d871k102dgrsn 870 1000 116 126 50 67100 93 1.4 55 0.8 1.8 1.5 947d971k102dhrsn 970 1000 116 136 50 70700 91 1.5 60 0.8 1.7 1.6 947d102k102djrsn 1000 1000 116 150 50 75800 90 1.7 65 0.8 1.6 1.7 947d112k102dlrsn 1100 1000 116 162 50 80200 89 1.8 70 0.8 1.5 1.8 947d191k112acgsn 190 1100 85 75 32 31400 60 1.6 30 1.5 3.8 0.5 947d221k112bcmsn 220 1100 90 75 45 33900 65 1.5 30 1.4 3.5 0.6 947d231k112adgsn 230 1100 85 87 32 34600 59 1.9 34 1.4 3.5 0.6 947d261k112bdmsn 260 1100 90 87 45 37300 68 1.5 33 1.2 3.2 0.6 947d271k112aegsn 270 1100 85 100 32 38100 58 2.1 38 1.3 3.2 0.6 947d271k112ccrsn 270 1100 100 75 50 39300 77 1.2 30 1.2 3.1 0.7 947d311k112bemsn 310 1100 90 100 45 41000 67 1.7 37 1.2 2.9 0.7 947d321k112afgsn 320 1100 85 112 32 41300 57 2.3 42 1.3 2.9 0.7 947d331k112cdrsn 330 1100 100 87 50 43000 75 1.4 34 1.1 2.8 0.8 947d361k112aggsn 360 1100 85 126 32 45000 56 2.5 46 1.2 2.7 0.8 947d361k112bfmsn 360 1100 90 112 45 44400 65 1.8 41 1.2 2.7 0.8 type 947d polypropylene, high energy density, dc link capacitors high current, high capacitance for inverter applications cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
rated can can lead current thermal cap voltage dia height spacing case t a =55 c typ typ resistance max c v r d h s area irms esr esl cc ca mass partnumber (f) (v dc ) (mm) (mm) (mm) (mm 2 ) (a) (m) (nh) (c/w) (c/w) (kg) 947d371k112dcrsn 370 1100 116 75 50 48500 94 1.0 35 0.9 2.5 0.9 947d391k112cersn 390 1100 100 100 50 47100 74 1.6 38 1.1 2.5 0.9 947d411k112bgmsn 410 1100 90 126 45 48300 64 2.0 45 1.1 2.5 0.9 947d421k112ahgsn 420 1100 85 136 32 47700 55 2.8 50 1.2 2.5 0.8 947d441k112ajgsn 440 1100 85 150 32 51400 55 3.0 54 1.1 2.3 0.9 947d451k112cfrsn 450 1100 100 112 50 50900 73 1.7 42 1.1 2.4 1.0 947d451k112ddrsn 450 1100 116 87 50 52800 92 1.1 40 0.9 2.3 1.1 947d461k112bhmsn 460 1100 90 136 45 51200 63 2.2 49 1.1 2.3 0.9 947d481k112algsn 480 1100 85 162 32 54600 54 3.2 59 1.1 2.2 1.0 947d501k112bjmsn 500 1100 90 150 45 55100 62 2.4 53 1.1 2.2 1.0 947d521k112cgrsn 520 1100 100 126 50 55300 72 1.9 46 1.0 2.2 1.1 947d541k112dersn 540 1100 116 100 50 57600 91 1.3 45 0.8 2.1 1.2 947d551k112blmsn 550 1100 90 162 45 58500 61 2.6 58 1.1 2.1 1.1 947d581k112chrsn 580 1100 100 136 50 58400 71 2.1 50 1.0 2.1 1.2 947d621k112dfrsn 620 1100 116 112 50 62000 90 1.4 50 0.8 1.9 1.3 947d641k112cjrsn 640 1100 100 150 50 62800 70 2.2 54 1.0 1.9 1.3 947d701k112clrsn 700 1100 100 162 50 66600 69 2.4 59 1.0 1.8 1.4 947d701k112dgrsn 700 1100 116 126 50 67100 89 1.5 55 0.8 1.8 1.5 947d781k112dhrsn 780 1100 116 136 50 70700 87 1.7 60 0.8 1.7 1.6 947d861k112djrsn 860 1100 116 150 50 75800 86 1.8 65 0.8 1.6 1.7 947d941k112dlrsn 940 1100 116 162 50 80200 85 1.9 70 0.8 1.5 1.8 947d151k122acgsn 150 1200 85 75 32 31400 57 1.8 30 1.5 3.8 0.5 947d181k122bcmsn 180 1200 90 75 45 33900 62 1.6 30 1.4 3.5 0.6 947d191k122adgsn 190 1200 85 87 32 34600 56 2.0 34 1.4 3.5 0.6 947d221k122aegsn 220 1200 85 100 32 38100 55 2.3 38 1.4 3.2 0.6 947d221k122bdmsn 220 1200 90 87 45 37300 65 1.6 33 1.2 3.2 0.6 947d221k122ccrsn 220 1200 100 75 50 39300 73 1.3 30 1.2 3.1 0.7 947d251k122bemsn 250 1200 90 100 45 41000 64 1.8 37 1.1 2.9 0.7 947d261k122afgsn 260 1200 85 112 32 41300 54 2.5 42 1.3 2.9 0.7 947d271k122cdrsn 270 1200 100 87 50 43000 72 1.5 34 1.2 2.8 0.8 947d291k122aggsn 290 1200 85 126 32 45000 54 2.8 46 1.2 2.7 0.8 947d291k122bfmsn 290 1200 90 112 45 44400 62 2.0 41 1.1 2.7 0.8 947d311k122dcrsn 310 1200 116 75 50 48500 90 1.1 35 0.9 2.5 0.9 947d321k122cersn 320 1200 100 100 50 47100 71 1.7 38 1.1 2.5 0.9 947d331k122ahgsn 330 1200 85 136 32 47700 53 3.0 50 1.2 2.5 0.8 947d331k122bgmsn 330 1200 90 126 45 48300 61 2.2 45 1.1 2.5 0.9 947d361k122ajgsn 360 1200 85 150 32 51400 52 3.3 54 1.2 2.3 0.9 947d371k122bhmsn 370 1200 90 136 45 51200 60 2.4 49 1.1 2.3 0.9 947d371k122cfrsn 370 1200 100 112 50 50900 69 1.9 42 1.1 2.4 1.0 947d371k122ddrsn 370 1200 116 87 50 52800 88 1.2 40 0.9 2.3 1.1 947d401k122algsn 400 1200 85 162 32 54600 52 3.5 59 1.1 2.2 1.0 947d411k122bjmsn 410 1200 90 150 45 55100 59 2.6 53 1.1 2.2 1.0 type 947d polypropylene, high energy density, dc link capacitors high current, high capacitance for inverter applications cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
rated can can lead current thermal cap voltage dia height spacing case t a =55 c typ typ resistance max c v r d h s area irms esr esl cc ca mass partnumber (f) (v dc ) (mm) (mm) (mm) (mm 2 ) (a) (m) (nh) (c/w) (c/w) (kg) 947d421k122cgrsn 420 1200 100 126 50 55300 69 2.1 46 1.1 2.2 1.1 947d441k122dersn 440 1200 116 100 50 57600 87 1.4 45 0.9 2.1 1.2 947d451k122blmsn 450 1200 90 162 45 58500 58 2.8 58 1.0 2.1 1.1 947d471k122chrsn 470 1200 100 136 50 58400 67 2.2 50 1.0 2.1 1.2 947d511k122dfrsn 510 1200 116 112 50 62000 86 1.5 50 0.8 1.9 1.3 947d521k122cjrsn 520 1200 100 150 50 62800 67 2.4 54 1.0 1.9 1.3 947d571k122clrsn 570 1200 100 162 50 66600 66 2.6 59 1.0 1.8 1.4 947d571k122dgrsn 570 1200 116 126 50 67100 85 1.6 55 0.8 1.8 1.5 947d641k122dhrsn 640 1200 116 136 50 70700 83 1.8 60 0.8 1.7 1.6 947d711k122djrsn 710 1200 116 150 50 75800 82 1.9 65 0.8 1.6 1.7 947d771k122dlrsn 770 1200 116 162 50 80200 81 2.1 70 0.8 1.5 1.8 947d131k132acgsn 130 1300 85 75 32 31400 54 1.9 30 1.6 3.8 0.5 947d151k132bcmsn 150 1300 90 75 45 33900 60 1.7 30 1.5 3.5 0.6 947d161k132adgsn 160 1300 85 87 32 34600 53 2.2 34 1.5 3.5 0.6 947d181k132bdmsn 180 1300 90 87 45 37300 62 1.8 33 1.1 3.2 0.6 947d191k132aegsn 190 1300 85 100 32 38100 53 2.5 38 1.4 3.2 0.6 947d191k132ccrsn 190 1300 100 75 50 39300 70 1.4 30 1.2 3.1 0.7 947d211k132afgsn 210 1300 85 112 32 41300 52 2.7 42 1.3 2.9 0.7 947d211k132bemsn 210 1300 90 100 45 41000 61 2.0 37 1.1 2.9 0.7 947d231k132cdrsn 230 1300 100 87 50 43000 69 1.6 34 1.2 2.8 0.8 947d241k132aggsn 240 1300 85 126 32 45000 51 3.0 46 1.3 2.7 0.8 947d241k132bfmsn 240 1300 90 112 45 44400 60 2.2 41 1.1 2.7 0.8 947d251k132dcrsn 250 1300 116 75 50 48500 87 1.2 35 0.9 2.5 0.9 947d271k132ahgsn 270 1300 85 136 32 47700 50 3.3 50 1.2 2.5 0.8 947d271k132cersn 270 1300 100 100 50 47100 68 1.8 38 1.2 2.5 0.9 947d281k132bgmsn 280 1300 90 126 45 48300 59 2.4 45 1.0 2.5 0.9 947d301k132ajgsn 300 1300 85 150 32 51400 50 3.5 54 1.2 2.3 0.9 947d311k132bhmsn 310 1300 90 136 45 51200 58 2.7 49 1.0 2.3 0.9 947d311k132cfrsn 310 1300 100 112 50 50900 66 2.0 42 1.1 2.4 1.0 947d311k132ddrsn 310 1300 116 87 50 52800 85 1.3 40 0.9 2.3 1.1 947d331k132algsn 330 1300 85 162 32 54600 49 3.8 59 1.2 2.2 1.0 947d341k132bjmsn 340 1300 90 150 45 55100 57 2.9 53 1.0 2.2 1.0 947d351k132cgrsn 350 1300 100 126 50 55300 66 2.2 46 1.1 2.2 1.1 947d371k132dersn 370 1300 116 100 50 57600 84 1.5 45 0.9 2.1 1.2 947d381k132blmsn 380 1300 90 162 45 58500 56 3.1 58 1.0 2.1 1.1 947d391k132chrsn 390 1300 100 136 50 58400 64 2.4 50 1.1 2.1 1.2 947d421k132dfrsn 420 1300 116 112 50 62000 82 1.6 50 0.9 1.9 1.3 947d431k132cjrsn 430 1300 100 150 50 62800 64 2.6 54 1.0 1.9 1.3 947d471k132clrsn 470 1300 100 162 50 66600 63 2.8 59 1.0 1.8 1.4 947d481k132dgrsn 480 1300 116 126 50 67100 82 1.8 55 0.9 1.8 1.5 947d531k132dhrsn 530 1300 116 136 50 70700 80 1.9 60 0.8 1.7 1.6 947d591k132djrsn 590 1300 116 150 50 75800 79 2.1 65 0.8 1.6 1.7 947d641k132dlrsn 640 1300 116 162 50 80200 78 2.2 70 0.8 1.5 1.8 type 947d polypropylene, high energy density, dc link capacitors high current, high capacitance for inverter applications cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
type 947d polypropylene, high energy density, dc link capacitors high current, high capacitance for inverter applications expected lifetime vs core temperature and applied dc voltage 0.8 0.9 1 1.1 1.2 1.3 1.4 1000 10000 100000 1000000 expected lifetime (h) v a / v r expected lifetime predictions use the 10 khz esr from the ratings tables. for operation below 10 khz, the esr will need to be adjusted using the following equation: esr - 31.83/ (10c) + 31.83/(fc). compute = cc + ca. in the ratings tables, ca is for still air. for moving air use the capacitor surface area a and airfow speed v to calculate ca = 1 ?[a(5+17(v+0.1)0.66)]. look up expected lifetime on the graph using v a /v r and t c = t a + i 2 (esr/1000) the maximum allowed temperature rise is 40 c and the maximum allowed core temperature is 95 c. capacitance: equivalent series resistance: frequency: ripple current: ambient temperature: core temperature: total thermal resistance: thermal resistance case-to-ambient: thermal resistance core-to-case: airfow speed: applied voltage: rated voltage: c (f) esr (m) f (khz) i (a rms ) t a (c) t c (c) (c/w) ca (c/w) cc (c/w) v (m/s) v a (v dc ) v r (v dc ) 50 oc 60 oc 70 oc 85 oc cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
type 947d polypropylene, high energy density, dc link capacitors high current, high capacitance for inverter applications typical performance curves 947d641k901ahgsn rated ripple current, still air, 7kh life 0 10 20 30 40 50 60 70 80 10 100 1000 10000 100000 frequency (hz) r i p p l e c u r r e n t ( a r m s ) 947d641k901ahgsn esr vs frequency and temperature 1 2 3 4 5 6 7 8 10 100 1000 10000 100000 frequency (hz) e s r ( m  ) 947d421k112ahgsn esr vs frequency and temperature 1 2 3 4 5 6 7 8 9 10 11 10 100 1000 10000 100000 frequency (hz) e s r ( m  ) -40 oc -20 oc 0 oc 25 oc 45 oc 65 oc 85 oc 85 oc 65 oc 45 oc 25 oc 0 oc -20 oc -40 oc 85 oc 65 oc 45 oc 25 oc 0 oc -20 oc -40 oc cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
947d481k112algsn rated ripple current, still air, 7kh life 0 10 20 30 40 50 60 70 80 10 100 1000 10000 100000 frequency (hz) r i p p l e c u r r e n t ( a r m s ) -40 c -20 c 0 c 25 c 45 c 65 c 85 c 947d481k112algsn esr vs frequency and temperature 1 2 3 4 5 6 7 8 9 10 11 10 100 1000 10000 100000 frequency (hz) e s r ( m  ) -40 oc -20 oc 0 oc 25 oc 45 oc 65 oc 85 oc 85 oc 65 oc 45 oc 25 oc 0 oc -20 oc -40 oc 947d421k112ahgsn rated ripple current, still air, 7kh life 0 10 20 30 40 50 60 70 80 10 100 1000 10000 100000 frequency (hz) r i p p l e c u r r e n t ( a r m s ) -40 oc -20 oc 0 oc 25 oc 45 oc 65 oc 85 oc type 947d polypropylene, high energy density, dc link capacitors high current, high capacitance for inverter applications cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of 947D341K102AEGSN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X